PART |
Description |
Maker |
HCPL-576X 5962-8947701 5962-8947701PA 5962-8947701 |
Hermetically Sealed Optocoupler. AC/DC to Logic Interface 密封光耦AC / DC的逻辑接口 AC/DC to Logic Interface Hermetically Sealed Optocouplers 5962-8947701YA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KPA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701XA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701YC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701PC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947701PA · Hermetically sealed Optocoupler, AC/DC to Logic Interface HCPL-576K-100 · Hermetically Sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KPC · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KXA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KYA · Hermetically sealed Optocoupler, AC/DC to Logic Interface 5962-8947702KYC · Hermetically sealed Optocoupler, AC/DC to Logic Interface HCPL-5760 · Hermetically Sealed Optocoupler, AC/DC to Logic Interface HCPL-576K · Hermetically sealed Optocoupler, AC/DC to Logic Interface
|
International Rectifier, Corp. Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
5962-9314001HPA 5962-9314001HPC 5962-9314001HXA 59 |
5962-9314001HPA · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HPC · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HXA · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HYA · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HYC · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HZA · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler HSSR-7110 · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler HSSR-7111 · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HZC · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
|
Agilent (Hewlett-Packard)
|
CL703 CL709 CL700 CL703A CL703L CL703L_2 CL704 CL7 |
100 V, hermetically sealed TO-5 case 300 V, hermetically sealed TO-5 case
|
Clairex Technologies ETC[ETC] List of Unclassifed Manufacturers
|
F15 F25 F20 F30 |
Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(????靛?2000V锛?钩??????娴?50mA锛?酱??????瀵?????楂??蹇???㈠??存?浜??绠々 Fast Recovery Axial Rectifier1500 V-3000 VIo=0.35 A RECTIFIER, up to 3kV, 350mA, 250ns Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压3000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压1500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Fast Recovery Axial Rectifier.1500 V-3000 V.Io=0.35 A 快速恢复轴向Rectifier.1500 V000五,木卫一\u003d 0.35
|
Semtech Corporation Microsemi, Corp.
|
150D105X0010A2 150D106X0010B2 150D107X0010R2 150D1 |
Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead 固体电解质TANTALEX电容器密封型,轴向引 8BIT MCU 4K FLASH PBFREE Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Solid-Electrolyte TANTALEX® Capacitors;
Hermetically Sealed; Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed Axial-Lead Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed/ Axial-Lead Solid Tantalum Capacitors, Solid Electrolyte Tantalex, Hermetic Seal, Axial Leaded
|
Electronics Industry Public Company Limited OKI SEMICONDUCTOR CO., LTD. Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
5962-9755701HYC HCPL-7851 HCPL-7851-100 HCPL-7850 |
5962-9755701HPA · Hermetically Sealed Analog Isolation Amplifier HCPL-7851 · Hermetically Sealed Analog Isolation Amplifier HCPL-7850 · Hermetically Sealed Analog Isolation Amplifier
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
2N3868SMD05-JQRR4 2N3868SMD05 |
Bipolar PNP Device in a Hermetically sealed 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-276AA HERMETIC SEALED, CERAMIC, SMD0.5, 3 PIN
|
Seme LAB TT electronics Semelab, Ltd.
|
2N3868SMD 2N3868SMD-JQRR4 |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-276AB HERMETIC SEALED, CERAMIC, SMD1, 3 PIN Bipolar PNP Device in a Hermetically sealed
|
TT electronics Semelab, Ltd. Seme LAB
|
PFF0 PFF4 PFF6 PFF8 PFF2 |
Superfast Axial Rectifier. 200 V-1000 V. Io=1.25 A Axialleaded Hermetically Sealed Superfast Recovery Rectifier Diode(反向电压400V,平均正向电.25A,轴向引脚,密封型,超快恢复整流二极 Axialleaded Hermetically Sealed Superfast Recovery Rectifier Diode(反向电压800V,平均正向电.25A,轴向引脚,密封型,超快恢复整流二极 Axialleaded Hermetically Sealed Superfast Recovery Rectifier Diode(反向电压600V,平均正向电.25A,轴向引脚,密封型,超快恢复整流二极 Axialleaded Hermetically Sealed Superfast Recovery Rectifier Diode(反向电压200V,平均正向电.25A,轴向引脚,密封型,超快恢复整流二极
|
Semtech Corporation
|
1N6110 1N6111 1N6116 1N6102 1N6104 1N6137 1N6103 1 |
HC-B 10-SD-FQ/FS Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电1.9V,双极瞬变电压抑制 Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电4.8V,双极瞬变电压抑制 Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电3.5V,双极瞬变电压抑制 Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电9V,双极瞬变电压抑制 500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS 500瓦双极性瞬态电压抑制器
|
SEMTECH[Semtech Corporation] Semtech, Corp.
|
5962-8957104K2A HCPL-6431 HCPL-543K |
Hermetically Sealed, Very High Speed Logic Gate Optocoupler(密封,高速,逻辑门光耦合 密封,超高速逻辑门光电耦合器(密封,高速,逻辑门光耦合器) Hermetically Sealed, Very High Speed Logic Gate Optocoupler(瀵??锛??????昏??ㄥ??????
|
Avago Technologies, Ltd.
|
TCZL33B TCZL8V2B TCZL20B TCZL16B TCZL22B TCZL24B T |
39 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 ROHS COMPLIANT, HERMETIC SEALED, GLASS PACKAGE-2 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
|
HiRel Connectors, Inc. Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics ...
|